Part Number Hot Search : 
S1D13 KBPC2501 CSC1220A MAX6795 1N4746A 74AC10SC P0618 565RT
Product Description
Full Text Search
 

To Download CNX722N20024T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  22mm tuffled? panel mount indicator ruggedized cnx 722 series with built-in led offers fast, easy installation in harsh environments www.vcclite.com 1.800.522.5546 engineered to light up your design key features product dimensions applications ? control cabinets ? instrument panels ? disinfection and sterilization environments ? transportation dashboards ? switch stations ? safety applications ? outdoor signage ? aircraft and military ? industrial machinery ? vending and gaming machines ? designed for extreme harsh and outdoor environments ? va riety o f connecti on options f or f ast, ea sy i nsta lla tion ? built-in led can be used with 5, 12 or 24 volt d/c circuits ? fast pitch threads ease assembly, requiring only1 turn ? special nut assembles by or with 1? hextool ? direct sunlight visibility ? wide angle viewable ? resistant to shock and vib ration ? custom leds and lens colors available ? optional bezel av ailable in many colors ? moisture sealed, ip 67/nema 6p rated ? rohs compliant indicator assemblies bezels .12 in[3mm] o 1.26 in[32mm] .50 in[12.8mm] o 1.01 in[25.6mm] 6 in[152.4mm] .47 in[11.8mm] .81 in[20.6mm] .86 in[21.9mm] 1.06 in[26.9mm] o 1.26 in[32mm]
product specifcations ordering data led output led color** typ intensity, mcd red 1300-1900 green 700-1400 white 1300-1700 blue 200-280 yellow 80-200 materials body polycarbonate, ul 94-v2 retaining nut pbt/glass flled, ul 94-v0 wire 22 awg 1007/1569 moisture seal epdm bezel- plastic abs, ul 94-hb bezel- metal aluminum alloy installation specifcation mounting hole .855-.910 (21.7-23.1mm) panel thickness up to .300 (7.6mm) operating parameters operating temperature -40f (-40c) to 176f (80c) current 20ma *body color to match led color voltage xx= input voltage 05 5vdc 12 12vdc 24 24vdc body type x= material c colored* n clear cnx 722 22mm indicator ordering code (example) cnx 722 x x00 xx x termination style x= termination style b screw block t quick disconnect/ terminals w wire leads led color x00= color 200 red 400 yellow 500 green 600 blue 900 white bezel color x= color 0 black 2 red 4 yellow 5 green 6 blue 9 white a actual aluminum b brushed aluminum c chrome *optional bezel: bzl 722- x bezel size = 22mm *sold separately www.vcclite.com 1.800.522.5546 engineered to light up your design


▲Up To Search▲   

 
Price & Availability of CNX722N20024T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X